PART |
Description |
Maker |
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PUMH20 PEMH20 PUMH20115 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTC144WE PDTC144WU PDTC144WEF PDTC144WK PDTC144WM |
PDTC144W series; NPN resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
PDTC114YEF PDTC114YT |
NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN配电阻型晶体R1=10千欧姆,R2=47千欧 NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PEMH15115 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PIMN31 |
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
http://
|
PEMH7 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open NPN/NPN resistor-equipped transistors; R1 = 4.7 k楼?, R2 = open
|
NXP Semiconductors
|
PEMH19 PUMH19 PEMH19-PUMH19-15 |
NPN/NPN resistor-equipped transistors; R1 = 22 k惟, R2 = open NPN/NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
|
NXP Semiconductors
|
PEMH14 PUMH14 PEMH14-PUMH14-15 |
NPN/NPN resistor-equipped transistors; R1 = 47 k惟, R2 = open NPN/NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open NPN/NPN resistor-equipped transistors R1 = 47 kΩ, R2 = open
|
NXP Semiconductors
|
PUMH1 PEMH1 |
NPN/NPN resistor-equipped transistors; R1 = 22 k楼?, R2 = 22 k楼? NPN/NPN resistor-equipped transistors; R1 = 22 k惟, R2 = 22 k惟 NPN/NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ
|
NXP Semiconductors
|
|